|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Customer Name System FMD Part Number Standard specifications GPS (50/100 ohm) FAR-F6KB-1G5754-B4GU FUJITSU MEDIA DEVICES LIMITED DATE Version 1.1a Mar. 31, 2006 Table 1. Electrical specifications Passband: 1574.42~ 1576.42 MHz Item Insertion Loss Ripple Absolute attenuation Condition 1574.42~1576.42 MHz 1574.42~1576.42 MHz DC ~ 905 MHz 905 ~ 1200 MHz 1200 ~ 1480 MHz 1480 ~ 1526 MHz 1620 ~ 1626 MHz 1626 ~ 1660 MHz 1660 ~ 1675 MHz 1675 ~ 1710 MHz 1710 ~ 1800 MHz 1800 ~ 1980 MHz 2400 ~ 2500 MHz Specification Min. 43 40 32 16 22 18 22 25 29 33 40 -1.1 -11 Typ. 1.2 0.1 49 46 37 20 32 23 27 30 34 44 49 1.4 1.3 +0.5/ +0.6 +3.6/ +4.0 Max. 1.6 0.6 1.9 1.9 +1.1 +11 Unit dB dB dB dB dB dB dB dB dB dB dB dB dB dB deg. ohm ohm o Remarks VSWR (Input) VSWR (Output) Amplitude Balance |S21|/|S31| Phase Balance (S21-S31)-180 1574.42~1576.42 MHz 1574.42~1576.42 MHz 1574.42~1576.42 MHz 1574.42~1576.42 MHz Input Impedance Output Impedance Device size Unbalanced Balance 50 100 -30 ~ +85 1.4typ.x1.0typ.x0.5max. Operating Temperature C mm Customer Name System FMD Part Number Standard specifications GPS (50/100 ohm) FAR-F6KB-1G5754-B4GU FUJITSU MEDIA DEVICES LIMITED DATE Version 1.1a Mar. 31, 2006 Dimension Device size: 1.4typ. x 1.0typ. x 0.5max. Unit: mm Pin Configuration Pin No. 1 2 3 4 5 Symbol IN GND OUT OUT GND Function Unbalanced pin Ground Balanced pin Balanced pin Ground Evaluation Circuit Port3 3 Port1 Unbalanced Input (50ohm) 1 2,5 4 GND Balanced Output (100ohm) Port2 1 ~ 5 : Pin No. Customer Name System FMD Part Number Standard specifications GPS (50/100 ohm) FAR-F6KB-1G5754-B4GU FUJITSU MEDIA DEVICES LIMITED DATE Version 1.1a Mar. 31, 2006 Fig.1 Pass-band Characteristic Input Output Fig.2 VSWR Customer Name System FMD Part Number Standard specifications GPS (50/100 ohm) FAR-F6KB-1G5754-B4GU FUJITSU MEDIA DEVICES LIMITED DATE Version 1.1a Mar. 31, 2006 Fig.3 In-band Characteristic Fig.4 Wide-band Characteristic Customer Name System FMD Part Number Standard specifications GPS (50/100 ohm) FAR-F6KB-1G5754-B4GU FUJITSU MEDIA DEVICES LIMITED DATE Version 1.1a Mar. 31, 2006 Fig.5 Input Impedance Fig.6 Output Impedance Customer Name System FMD Part Number Standard specifications GPS (50/100 ohm) FAR-F6KB-1G5754-B4GU FUJITSU MEDIA DEVICES LIMITED DATE Version 1.1a Mar. 31, 2006 Fig.7 Amplitude Balance Fig.8 Phase Balance |
Price & Availability of FAR-F6KB-1G5754-B4GU |